công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSC5-7 bảng dữ liệu(PDF) 144 Page - Lumberg

tên linh kiện RSC5-7
Giải thích chi tiết về linh kiện  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LUMBERG [Lumberg]
Trang chủ  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC5-7 bảng dữ liệu(HTML) 144 Page - Lumberg

Back Button RSC5-7 Datasheet HTML 140Page - Lumberg RSC5-7 Datasheet HTML 141Page - Lumberg RSC5-7 Datasheet HTML 142Page - Lumberg RSC5-7 Datasheet HTML 143Page - Lumberg RSC5-7 Datasheet HTML 144Page - Lumberg RSC5-7 Datasheet HTML 145Page - Lumberg RSC5-7 Datasheet HTML 146Page - Lumberg RSC5-7 Datasheet HTML 147Page - Lumberg RSC5-7 Datasheet HTML 148Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 178 page
background image
1-717-217-2299
www.lumberg-automationusa.com
144
Current (I)
This is the rate in which electricity is transferred.
Practical unit is the ampere, which represents the
transfer of one coulomb per second. In a simple
circuit, current (I) produced by a cell or electromotive
force (E) when there is an external resistance (R) and
internal resistance (r) is: I = E / ® + r).
Current Carrying Capacity
The maximum current a conductor can safely
carry without exceeding its insulation and jacket
temperature limitations.
Current Surge
This is a short-term (transient) condition causing
a larger than normal amount of current to flow
through a conductor. A current surge can often cause
damage to an electrical device if it is not
properly protected.
Cut-Through Resistance
The ability of a material to withstand mechanical
pressure, usually a sharp edge or small bend radius,
without separation.
D
dB (Decibel)
Used to express acoustical power.
DC (Direct Current)
Electrical current that flows in one direction only.
Dielectric Strength
The voltage that an insulator can withstand before
breakdown occurs. Usually expressed as a voltage
gradient (such as volts per mil).
DIN (Deutsches Institut fur Normung)
The German Standardization Institute.
DIN 43650
A German standard, stating the characteristics and
requirements of connectors for magnetic valves used
in hydraulics and pneumatics.
Diode
This is a solid-state electronic component, which will
allow current to flow in only one direction, similar
to a check valve used in hydraulic or pneumatic
applications. The diode is used in applications such
as transient suppression, power supply circuits etc.
Direct Current (DC)
The flow of electrical current in one direction.
Drain Wire
In a cable, the bare wire laid under a metallic foil or
braid and is used as a ground connection.
Distribution Box
Sometimes referred to as Junction or Multi Box is
designed to distribute a signal to multiple locations.
E
E
The symbol for Voltage or electromotive force.
Earth
The British term for zero voltage reference.
EFP (Electronic Field Production)
Video production, non-news production, done outside
the studio.
EIA
Electronic Industries Association – formerly RMA
or RETMA.
Electronic Magnetic Sensor
This is a solid-state device, which is used to sense a
magnetic field.
EMF (Electromotive Force)
Voltage
EMI (Electromagnetic Interference)
ENG (Electronic News Gathering)
EPDM (Ethylenepropylenediene Monomer)
A material with good electrical insulating qualities.
EPR (Ethylenepropylene Copolymer Rubber)
A material with good electrical insulating qualities.
ETP (Electrolytic Tough Pitch)
A copper refining process.
EU (European Union Directives)
A copper refining process.
EV (Electron Volt)
Extruded Cable with conductors that are uniformly
insulated and formed by applying a homogeneous
insulation material in a continuous extrusion process.
F
ƒ
The symbol for Frequency.
FAS
Fire Alarm and Signal Cable – cable designation.
FEP (Fluorinated Ethylenepropylene)
A thermoplastic material with good electrical
insulating properties and chemical and heat
resistance.
Fillers
Non-conducting components cabled with the
insulated conductors or optical fibers to impart
roundness, flexibility, tensile strength, or a
combination of all three, to the cable.
FM (Frequency Modulation)
G
Gauss (Ga)
Unit of measure for magnetic flux density.
GHz (Gigahertz)
A unit of frequency equal to 1 billion (109) hertz.
Ground (GND)
An electrical connection between a circuit and earth.
Ground Loop
A completed circuit between shielded pairs of a
multiple pair created by random contact between
shields. Also, is an undesirable circuit condition in
which interference is created by ground currents
when grounds are connected at more than one point.
Ground Potential
A circuit, terminal or chassis is said to be at ground
potential when it is used as a reference point for
other potentials in the system.
H
Hertz (Hz)
The unit of measure for frequency in cycles per
second.
HF (High Frequency)
The band from 3 to 30 MHz in the radio spectrum.
Hygroscopic
Capable of absorbing moisture from the air.
I
I2R
Formula for power in watts, where I = current in
amperes, and R = resistance in ohms.
ICEA (Insulated Cable Engineers Association)
IEC (International Electrotechnical Commission)
European Standardization Agency.
IF (Intermediate – Frequency)
IFB (Interrupted Feed Back)
Input
A signal (or power) which is applied to a piece of
References
Glossary of Terms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com