công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

COP688CL bảng dữ liệu(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện COP688CL
Giải thích chi tiết về linh kiện  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL bảng dữ liệu(HTML) 22 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 18Page - National Semiconductor (TI) COP688CL Datasheet HTML 19Page - National Semiconductor (TI) COP688CL Datasheet HTML 20Page - National Semiconductor (TI) COP688CL Datasheet HTML 21Page - National Semiconductor (TI) COP688CL Datasheet HTML 22Page - National Semiconductor (TI) COP688CL Datasheet HTML 23Page - National Semiconductor (TI) COP688CL Datasheet HTML 24Page - National Semiconductor (TI) COP688CL Datasheet HTML 25Page - National Semiconductor (TI) COP688CL Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Interrupts (Continued)
tion Register and replaces the opcode about to be execut-
ed The following steps are performed for every interrupt
1 The GIE (Global Interrupt Enable) bit is reset
2 The address of the instruction about to be executed is
pushed into the stack
3 The PC (Program Counter) branches to address 00FF
This procedure takes 7 tc cycles to execute
At this time since GIE e 0 other maskable interrupts are
disabled The user is now free to do whatever context
switching is required by saving the context of the machine in
the stack with PUSH instructions The user would then pro-
gram a VIS (Vector Interrupt Select) instruction in order to
branch to the interrupt service routine of the highest priority
interrupt enabled and pending at the time of the VIS Note
that this is not necessarily the interrupt that caused the
branch to address location 00FF Hex prior to the context
switching
Thus if an interrupt with a higher rank than the one which
caused the interruption becomes active before the decision
of which interrupt to service is made by the VIS then the
interrupt with the higher rank will override any lower ones
and will be acknowledged The lower priority interrupt(s) are
still pending however and will cause another interrupt im-
mediately following the completion of the interrupt service
routine associated with the higher priority interrupt just serv-
iced This lower priority interrupt will occur immediately fol-
lowing the RETI (Return from Interrupt) instruction at the
end of the interrupt service routine just completed
Inside the interrupt service routine the associated pending
bit has to be cleared by software The RETI (Return from
Interrupt) instruction at the end of the interrupt service rou-
tine will set the GIE (Global Interrupt Enable) bit allowing
the processor to be interrupted again if another interrupt is
active and pending
The VIS instruction looks at all the active interrupts at the
time it is executed and performs an indirect jump to the
beginning of the service routine of the one with the highest
rank
The addresses of the different interrupt service routines
called vectors are chosen by the user and stored in ROM in
a table starting at 01E0 (assuming that VIS is located be-
tween 00FF and 01DF) The vectors are 15-bit wide and
therefore occupy 2 ROM locations
VIS and the vector table must be located in the same 256-
byte block (0y00 to 0yFF) except if VIS is located at the last
address of a block In this case the table must be in the
next block The vector table cannot be inserted in the first
256-byte block
The vector of the maskable interrupt with the lowest rank is
located at 0yE0 (Hi-Order byte) and 0yE1 (Lo-Order byte)
and so forth in increasing rank number The vector of the
maskable interrupt with the highest rank is located at 0yFA
(Hi-Order byte) and 0yFB (Lo-Order byte)
The Software Trap has the highest rank and its vector is
located at 0yFE and 0yFF
If by accident a VIS gets executed and no interrupt is ac-
tive then the PC (Program Counter) will branch to a vector
located at 0yE0 – 0yE1
WARNING
A Default VIS interrupt handle routine must be present As a
minimum this handler should confirm that the GIE bit is
cleared (this indicates that the interrupt sequence has been
taken) take care of any required housekeeping restore
context and return Some sort of Warm Restart procedure
should be implemented These events can occur without
any error on the part of the system designer or programmer
Note
There is always the possibility of an interrupt occur-
ring during an instruction which is attempting to reset the
GIE bit or any other interrupt enable bit If this occurs when
a single cycle instruction is being used to reset the interrupt
enable bit the interrupt enable bit will be reset but an inter-
rupt may still occur This is because interrupt processing is
started at the same time as the interrupt bit is being reset
To avoid this scenario the user should always use a two
three or four cycle instruction to reset interrupt enable bits
Figure 11 shows the Interrupt block diagram
TLDD9766 – 18
FIGURE 11 Interrupt Block Diagram
http
www nationalcom
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40