| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
COP688CL bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP688CL bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 40 page ![]() Absolute Maximum Ratings If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage (VCC)7V Voltage at Any Pin b 03V to VCC a 03V Total Current into VCC Pin (Source) 100 mA Total Current out of GND Pin (Sink) 110 mA Storage Temperature Range b 65 Cto a140 C Note Absolute maximum ratings indicate limits beyond which damage to the device may occur DC and AC electri- cal specifications are not ensured when operating the de- vice at absolute maximum ratings DC Electrical Characteristics COP88XCL b40 C s TA s a85 C unless otherwise specified Parameter Conditions Min Typ Max Units Operating Voltage 25 6 V Power Supply Ripple (Note 1) Peak-to-Peak 01 VCC V Supply Current (Note 2) CKI e 10 MHz VCC e 6V tc e 1 ms 125 mA CKI e 4 MHz VCC e 4V tc e 25 ms 25 mA HALT Current (Note 3) VCC e 6V CKI e 0 MHz k 110 m A IDLE Current CKI e 10 MHz VCC e 6V tc e 1 ms 35 mA Input Levels RESET Logic High 08 VCC V Logic Low 02 VCC V CKI (External and Crystal Osc Modes) Logic High 07 VCC V Logic Low 02 VCC V All Other Inputs Logic High 07 VCC V Logic Low 02 VCC V Hi-Z Input Leakage VCC e 6V b 1 a 1 m A Input Pullup Current VCC e 6V VIN e 0V b 40 b 250 m A G and L Port Input Hysteresis 035 VCC V Output Current Levels D Outputs Source VCC e 4V VOH e 33V b 04 mA VCC e 25V VOH e 18V b 02 mA Sink VCC e 4V VOL e 1V 10 mA VCC e 25V VOL e 04V 20 mA All Others Source (Weak Pull-Up Mode) VCC e 4V VOH e 27V b 10 b 100 m A VCC e 25V VOH e 18V b 25 b 33 m A Source (Push-Pull Mode) VCC e 4V VOH e 33V b 04 mA VCC e 25V VOH e 18V b 02 mA Sink (Push-Pull Mode) VCC e 4V VOL e 04V 16 mA VCC e 25V VOL e 04V 07 mA TRI-STATE Leakage VCC e 60V b 2 a 2 m A Note 1 Rate of voltage change must be less then 05 Vms Note 2 Supply current is measured after running 2000 cycles with a square wave CKI input CKO open inputs at rails and outputs open Note 3 The HALT mode will stop CKI from oscillating in the RC and the Crystal configurations Test conditions All inputs tied to VCC L and G0–G5 configured as outputs and set high The D port set to zero The clock monitor is disabled http www nationalcom 6 |