công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ALT6526P9 bảng dữ liệu(PDF) 17 Page - ANADIGICS, Inc

tên linh kiện ALT6526P9
Giải thích chi tiết về linh kiện  Multi-Band LTE/CDMA/WCDMA/HSPA Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANADIGICS [ANADIGICS, Inc]
Trang chủ  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6526P9 bảng dữ liệu(HTML) 17 Page - ANADIGICS, Inc

Back Button ALT6526P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 10Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 11Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 12Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 13Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 14Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 15Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 16Page - ANADIGICS, Inc ALT6526P9 Datasheet HTML 17Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
warning
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMPOrTanT nOTiCE
anaDigiCS
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
DATA SHEET - Rev 2.5
07/2013
17
ALT6526
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
ALT6526P8-40 oC to +105 oC
RoHS Compliant 22 Pin
5 mm x 7 mm x 0.9 mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel
ALT6526P9-40 oC to +105 oC
RoHS Compliant 22 Pin
5 mm x 7 mm x 0.9 mm
Surface Mount Module
Partial Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com