công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC23PS-4 bảng dữ liệu(PDF) 5 Page - List of Unclassifed Manufacturers

tên linh kiện SC23PS-4
Giải thích chi tiết về linh kiện  Used to strap coaxial and telephone cable to strand
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

SC23PS-4 bảng dữ liệu(HTML) 5 Page - List of Unclassifed Manufacturers

  SC23PS-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC23PS-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC23PS-4 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC23PS-4 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC23PS-4 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC23PS-4 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC23PS-4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
26
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Diamond
® Construction Hardware
Tap Brackets
Tap Brackets
• Used to secure tap to strand.
• One piece steel snap-on version mechanically galvanized ASTM B695 for 1/4” strand only.
• Aluminum standard tap bracket & extension bracket. Both have 1/4” to 3/8” strand clamping range.
• Square hole in standard aluminum tap bracket mounts Diamond trap sleeve brackets (“W”brackets).
Part
Number
Description
Clearance
Between
Strand & Tap
Load Capacity (lbs)
(Minimal Deflection)
Inner
Pack
Outer
Pack
29-19941 Steel Snap-on Tap Bracket
2-1/2"
40
--
25
29-19943 Aluminum Tap Bracket (Standard)
2-1/2"
30
--
25
29-19944 Aluminum Extension Bracket
3" to 9"
25
--
25
29-50044 Strand Clamp
--
--
--
75
Tap Bracket with Common Ground
• Tap bracket used to secure a tap to the steel strand and provide a means to bond up
to eight messengered drop cables.
• Firm and positive grip with no rotation or sliding on steel strand.
• Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
SC23CGS-4
4" Horizontal Mounting with 8 Common Grounds
--
32
29-19941
29-19943
29-19944
Tap Bracket - Vertical Mount
• Tap bracket used to secure a tap to the steel strand.
• Firm and positive grip with no rotation or sliding on steel strand.
• Stopper at multi-tap attachment prevents part rotation.
• Mechanically galvanized ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
SC23PV-2
2" Vertical Mount (Figure 8 Application)
--
32
SC23PV-4
4" Vertical Mount (Figure 8 Application)
--
32
29-50044



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com