| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC23PS-4 bảng dữ liệu(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SC23PS-4 bảng dữ liệu(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 7 page ![]() 24 www.ppc-online.com Customer Support: 800.800.6652 A BELDEN BRAND A BELDEN BRAND Diamond ® Construction Hardware Clamps Lashing Clamps • Used to secure lashing wire terminations. • Mechanically galvanized ASTM B695. • 1/4” - 7/16” clamp range. Part Number Description Inner Pack Outer Pack SC07-1 Lashing Clamp -- 100 26-09010 "D" Lashing Clamp -- 100 26-09010NS "D" Lashing Clamp no stakes -- 100 26-09020 "E" Lashing Clamp -- 100 26-09022 "E" Lashing Clamp with 2 Washers, 2 Nuts -- 100 Figure 8 Three Bolt Suspension Clamps • Used to secure Figure 8 cable to pole. • Center hole accommodates 1/2” or 5/8” diameter machine bolt. • Clamp plates aluminum alloy. • Steel bolts mechanically galvanized ASTM B695. • Eliminates need to strip messenger. Part Number Description Messenger Size Range Inner Pack Outer Pack 28-09610 Figure 8 Three Bolt Suspension Clamp .109" - .134" -- 25 28-09615 Figure 8 Three Bolt Suspension Clamp .148" - .250" -- 20 Figure 8 Tangent Support Clamps • Used to secure Figure 8 cable to pole. • Clamp plates and J Hook aluminum alloy. • Eliminates need to strip messenger. Part Number Description Thru Bolt Hole Size Messenger Size Range Inner Pack Outer Pack 28-09500 Tangent Support Clamp 5/8" .148"-.250" -- 25 28-09600 Tangent Support Clamp 1/2" .109"-.134" -- 25 28-19651 Tangent Support Clamp 5/8" .109"-.134" -- 25 26-09020 26-09010 |