| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RT1650WSC bảng dữ liệu(PDF) 2 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT1650WSC bảng dữ liệu(HTML) 2 Page - Richtek Technology Corporation |
|
2 / 26 page ![]() RT1650 Copyright © 2015 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. www.richtek.com DS1650-00 July 2015 2 Ordering Information RT1650 Package Type WSC : WL-CSP-48B 3x3.4 (BSC) Note : Richtek products are : RoHS compliant and compatible with the current requirements of IPC/JEDEC J-STD-020. Suitable for use in SnPb or Pb-free soldering processes. Marking Information RT1650WSC : Product Number YMDNN : Date Code RT1650 WSC YMDNN Pin Configurations (TOP VIEW) ADD ADEN CHG PGND GND GND MODE1 MODE0 TS PGND NC NC CLMP2 SDA GPIO SCL VDD2 VDD1 COM2 NC NC GND VDD2 VDD1 OUT OUT OUT OUT OUT CLMP1 RECT RECT RECT RECT RECT COM1 AC1 AC1 AC1 AC2 AC2 AC2 PGND PGND PGND PGND BOOT2 BOOT1 H1 G1 F1 E1 D1 C1 B1 A1 H2 G2 F2 E2 D2 C2 B2 A2 H3 G3 F3 E3 D3 C3 B3 A3 H4 G4 F4 E4 D4 C4 B4 A4 H5 G5 F5 E5 D5 C5 B5 A5 H6 G6 F6 E6 D6 C6 B6 A6 WL-CSP-48B 3x3.4 (BSC) |