công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RT1650WSC bảng dữ liệu(PDF) 9 Page - Richtek Technology Corporation

tên linh kiện RT1650WSC
Giải thích chi tiết về linh kiện  Wireless Power Receiver Compliant with WPC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RICHTEK [Richtek Technology Corporation]
Trang chủ  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1650WSC bảng dữ liệu(HTML) 9 Page - Richtek Technology Corporation

Back Button RT1650WSC Datasheet HTML 5Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 6Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 7Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 8Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 9Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 10Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 11Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 12Page - Richtek Technology Corporation RT1650WSC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
RT1650
Copyright © 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS1650-00
July
2015
www.richtek.com
9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
COM Outputs
COM1, COM2 N-FET
On-Resistance
RON_COM
VRECT = 2.6V
--
0.7
--

COM1, COM2 Signaling
Frequency
fCOM
--
2
--
kHz
COM1, COM2 Leakage
Current
ICOM_LKG
VCOM1 = VCOM2 = 20V
--
--
1
A
CLAMP Outputs
CLMP1, CLMP2 N-FET
On-Resistance
RON_CLM
--
0.5
--
Adapter Power Enable Control
ADD Detection Voltage
Threshold
VADD
VADD Rising : 0V  5V
3
3.6
4
V
ADD Detection Voltage
Hysteresis
VADD Falling : 5V  0V
--
400
--
mV
ADD Input Leakage Current
IADD_LKG
VADD = 5V , VRECT = 0V
--
--
60
A
Pull-up Resistance from ADEN
to OUT pin when Adapter
mode is disabled
RADD
VADD = 0V, VOUT = 5V
--
275
350
ADD to ADEN Voltage when
Adapter Mode is Enabled
VAD_EN
VADD = 5V, VADD – VADEN
3
4.25
5
V
GPIO Input/Output
GPIO Input Voltage
(Logic-Low)
VIL
0
--
0.8
V
GPIO Input Voltage
(Logic-High)
VIH
2
--
5
V
GPIO Output Voltage
(Logic-Low)
VOL
--
--
0.4
V
GPIO Output Voltage
(Logic-High)
VOH
2.6
3.3
3.6
V
Received Power (WPC Related Measurements)
Received Power Accuracy
PRX_AC
IOUT = 0A to 1A
(Note 5)
--
--
0.25
W
I
2C Compatible Interface
(Note 5)
Logic Input (SDA, SCL) Low
Level
VSCL_L
--
--
0.6
V
Logic Input (SDA, SCL) High
Level
VSCL_H
1.2
--
--
V
SCL Clock Frequency
fCLK
10
--
400
kHz
Output Fall Time
tFL2COUT
--
--
250
ns
Bus Free Time Between
Stop/Start
tBUF
1.3
--
--
s
Hold Time Start Condition
tHD_STA
0.6
--
--
s
Setup Time for Start Condition
tSU_STA
0.6
--
--
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com