| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI7VD9004ABH bảng dữ liệu(PDF) 21 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI7VD9004ABH bảng dữ liệu(HTML) 21 Page - Pericom Semiconductor Corporation |
|
21 / 73 page ![]() 21 PI7VD9008ABH Adaptive EQ 8-channel 960H Video Decoder www.pericom.com 12/12/14 RESERVED REGISTER – OFFSET 0DH/1DH/2DH/3DH STANDARD SELECTION REGISTER – OFFSET 0EH/1EH/2EH/3EH(Default=77H) BIT FUNCTION TYPE DESCRIPTION [2:0] Standard Selection RW 0: NTSC(M) 1: PAL(B,D,G,H,I) 2:Not valid 3: NTSC4.43 4: PAL(M) 5: PAL(CN) 6: PAL60 7: Auto detection [3] Reserved R Reset to 0b [6:4] Current Standard Detected R 0: NTSC(M) 1: PAL(B,D,G,H,I) 2:Not valid 3: NTSC4.43 4: PAL(M) 5: PAL(CN) 6: PAL60 7:Not valid [7] Reserved R Reset to 0b RESERVEDREGISTER – OFFSET 0FH/1FH/2FH/3FH RESERVED REGISTER – OFFSET 40H-50H FBITINV REGISTER – OFFSET 51H(Default=00H) BIT FUNCTION TYPE DESCRIPTION [0] FBITINV0 R/W 0: F-bit in the 4th byte of 656 EAV/SAV for channel 1 is not inverted. 1: F-bit in the 4th byte for channel 0 is inverted. [1] FBITINV1 R/W 0: F-bit in the 4th byte of 656 EAV/SAV for channel 2 is not inverted. 1: F-bit in the 4th byte for channel 1is inverted. [2] FBITINV2 R/W 0: F-bit in the 4th byte of 656 EAV/SAV for channel 3 is not inverted. 1: F-bit in the 4th byte for channel 2is inverted. [3] FBITINV3 R/W 0: F-bit in the 4th byte of 656 EAV/SAV for channel 4 is not inverted. 1: F-bit in the 4th byte for channel 3is inverted. [7:4] Reserved R Reset to 0b RESERVED REGISTER – OFFSET 52H-56H 14-0207 |