công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI7VD9004ABH bảng dữ liệu(PDF) 9 Page - Pericom Semiconductor Corporation

tên linh kiện PI7VD9004ABH
Giải thích chi tiết về linh kiện  Adaptive EQ 8-channel 960H Video Decoder
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7VD9004ABH bảng dữ liệu(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI7VD9004ABH Datasheet HTML 5Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 6Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 7Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 8Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 9Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 10Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 11Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 12Page - Pericom Semiconductor Corporation PI7VD9004ABH Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
9
PI7VD9008ABH
Adaptive EQ 8-channel 960H Video Decoder
www.pericom.com
12/12/14
Comb filter and Y/C Separation
Thevideo decoder is capable of separating luma (Y) and chroma (C) of NTSC or PAL video signals using 5-line adaptive comb filter
or notch/band-pass filter. The comb filter searches for correlation between 5 lines of input video stored in the internal buffer. The lines
are averaged based on the degree of correlation to produce the output video line. If no correlation is found between the 5 lines of video,
notch/band-pass filter is used. This process is very effective at reducing cross-luma and cross-chroma noise. The noise appears as arti-
facts that degrade the image quality. Reduction of the noise improves the image quality significantly.
14-0207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73