công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3VEDP212ZLE bảng dữ liệu(PDF) 3 Page - Pericom Semiconductor Corporation

tên linh kiện PI3VEDP212ZLE
Giải thích chi tiết về linh kiện  2-lane DisplayPort Switch/Mux for DP Driven Panels with Triple Control Pins
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VEDP212ZLE bảng dữ liệu(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VEDP212ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VEDP212ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS9057A
08/23/11
PI3VeDP212
2-lane DisplayPort™ Switch/Mux for
DP Driven Panels with Triple Control Pins
StorageTemperature....................................................–65°Cto+150°C
SupplyVoltagetoGroundPotential................................–0.5Vto+3.6V
DCInputVoltage..............................................................–0.5Vto3.6V
DCOutputCurrent.......................................................................120mA
PowerDissipation...........................................................................0.5W
Note: StressesgreaterthanthoselistedunderMAXIMUM
RATINGSmaycausepermanentdamagetothedevice.This
isastressratingonlyandfunctionaloperationofthedevice
attheseoranyotherconditionsabovethoseindicatedinthe
operationalsectionsofthisspecificationisnotimplied.Expo-
suretoabsolutemaximumratingconditionsforextended
periodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
DC Electrical Characteristics for Switching over Operating Range(TA=–40°Cto+85°C,VDD=3.3V+/-10%)
Parameter
Description
Test Conditions(1)
Min
Typ(2)
Max
Units
VIH
InputHIGHVoltage
GuaranteedHIGHlevel
1.5
V
VIL
InputLOWVoltage
GuaranteedLOWlevel
–0.5
0.65
VIK
ClampDiodeVoltage
VDD=Max.,IIN=–18mA
–0.7
–1.2
IIH
InputHIGHCurrent
VDD=Max.,VIN=VDD
±5
µA
IIL
InputLOWCurrent
VDD=Max.,VIN=GND
±5
IOFF
I/Oleakagewhenpartisoff
VDD=0V,Vinput=0Vto3.6V
50
Dynamic Electrical Characteristics Over the Operating Range (TA=-40ºto+85ºC,VDD=3.3V+/-10%,
GND=0V)
Parameter
Description
Test Conditions
Typ.(2)
Units
XTALK
CrosstalkonHigh
SpeedChannels
SeeFig.1forMeasurementSetup
f=1.35GHz
-33dB
dB
f=100MHz
-48dB
OIRR
OFFIsolationon
HighSpeedChan-
nels
SeeFig.2forMeasurementSetup,
f=1.35GHz
-33dB
f=100MHz
-56dB
ILOSS
Differential
InsertionLosson
HighSpeedChan-
nels
@2.7Gbps
-1.5
dB
BW
Bandwidth-3dB
SeeFig.3forDifferentialInsertionLoss
3.25
GHz
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVDD=3.3V,TA =25°Cambientandmaximumloading.
Power Supply Characteristics (TA=0°Cto+70°C)
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
QuiescentPowerSupplyCurrent
VDD=Max.,VIN=GNDorVDD
70
µA
11-0082



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com