công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3PCIE3442ZLE bảng dữ liệu(PDF) 4 Page - Pericom Semiconductor Corporation

tên linh kiện PI3PCIE3442ZLE
Giải thích chi tiết về linh kiện  3.3V PCI Express 3.0 2-Lane Exchange Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3PCIE3442ZLE bảng dữ liệu(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3PCIE3442ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3PCIE3442ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
www.pericom.com
06/04/14
All trademarks are property of their respective owners.
PRELIMINARY INFORMATION - COMPANY CONFIDENTIAL
PI3PCIE3442
3.3V PCI Express® 3.0 2-Lane Exchange Switch
Pin Description (42-TQFN)
Pin #
Pin Name I/O Description
1
2
A0+
A0–
I/O
Signal I/O, Channel 0, Port A
5
6
A1+
A1–
I/O
Signal I/O, Channel 1, Port A
10
11
A2+
A2–
I/O
Signal I/O, Channel 2, Port A
14
15
A3+
A3–
I/O
Signal I/O, Channel 3, Port A
38
37
B0+
B0−
I/O
Signal I/O, Channel 0, Port B
34
33
B1+
B1−
I/O
Signal I/O, Channel 1, Port B
29
28
B2+
B2−
I/O
Signal I/O, Channel 2, Port B
25
24
B3+
B3−
I/O
Signal I/O, Channel 3, Port B
3
4
C0+
C0–
I/O
Signal I/O, Channel 0, Port C
7
8
C1+
C1–
I/O
Signal I/O, Channel 1, Port C
12
13
C2+
C2–
I/O
Signal I/O, Channel 2, Port C
16
17
C3+
C3−
I/O
Signal I/O, Channel 3, Port C
36
35
D0+
D0−
I/O
Signal I/O, Channel 0, Port D
32
31
D1+
D1−
I/O
Signal I/O, Channel 1, Port D
27
26
D2+
D2−
I/O
Signal I/O, Channel 2, Port D
23
22
D3+
D3−
I/O
Signal I/O, Channel 3, Port D
41
OE#
I
Output Enable, active low. When OE# = 0 the device I/O is enabled. When OE#=1,
all I/O are high impedance
9
SEL
I
Operation mode Select
(when SEL=0: A→B, C→D, when SEL=1: A→D, C→B)
18, 20, 30, 40, 42
VDD
Pwr 3.3V ±10% Positive Supply Voltage
19, 21, 39, Center Pad GND
Pwr Power ground
14-0088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com