| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528R bảng dữ liệu(PDF) 25 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R bảng dữ liệu(HTML) 25 Page - SPANSION |
|
25 / 241 page ![]() D a t a S h e e t 22 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 18 22 26 R3 P150 - F General-purpose I/O port RDY_1 - External Bus RDY input pin (1) SOT8_0/SDA8 - Multi-function serial ch.8 serial data output pin(0)/I 2C bus serial data I/O pin OCU10_1 - Output compare ch.10 output pin(1) TRG6_0 - PPG trigger 6 input pin(0) ICU1_3 - Input capture ch.1 input pin(3) TIN6_0 - Reload timer ch.6 event input pin(0) 19 23 27 R4 P151 - F General-purpose I/O port SCK8_0/SCL8 - Multi-function serial ch.8 clock I/O pin(0)/ I 2C bus serial clock I/O pin OCU9_1 - Output compare ch.9 output pin(1) TRG7_0 - PPG trigger 7 input pin(0) ICU0_3 - Input capture ch.0 input pin(3) TIN7_0 - Reload timer ch.7 event input pin(0) ZIN0_2 - U/D counter ch.0 ZIN input pin(2) DTTI_1 - Waveform generator ch.0-ch.5 input pin(1) 20 24 28 R1 P035 - I General-purpose I/O port A07 - External Bus address bit7 output pin SIN8_0 - Multi-function serial ch.8 serial data input pin(0) OCU8_1 - Output compare ch.8 output pin(1) TOT4_0 - Reload timer ch.4 output pin(0) AIN0_0 - U/D counter ch.0 AIN input pin(0) INT11_0 - INT11 external interrupt input pin(0) 21 25 29 R2 P036 - A General-purpose I/O port A08 - External Bus address bit8 output pin SCS8_0 - Serial chip select 8 I/O pin(0) OCU7_1 - Output compare ch.7 output pin(1) TOT5_0 - Reload timer ch.5 output pin(0) BIN0_0 - U/D counter ch.0 BIN input pin(0) 22 26 30 T1 P037 - A General-purpose I/O port A09 - External Bus address bit9 output pin OCU6_1 - Output compare ch.6 output pin(1) TOT6_0 - Reload timer ch.6 output pin(0) ZIN0_0 - U/D counter ch.0 ZIN input pin(0) - 27 31 T4 P174 - A General-purpose I/O port TRG8_1 - PPG trigger 8 input pin(1) - 28 32 U4 P175 - A General-purpose I/O port TRG9_1 - PPG trigger 9 input pin(1) |