| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528R bảng dữ liệu(PDF) 55 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R bảng dữ liệu(HTML) 55 Page - SPANSION |
|
55 / 241 page ![]() D a t a S h e e t 52 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL HANDLING DEVICES This section explains the latch-up prevention and pin processing. For latch-up prevention If a voltage higher than VCC (VCCE in case of terminal corresponding to VCCE power supply.) or a voltage lower than VSS is applied to an I/O pin, or if a voltage exceeding the ratings is applied between VCC and VSS pins or VCCE and VSS pins, a latch-up may occur in CMOS IC. If the latch-up occurs, the power supply current increases excessively and device elements may be damaged by heat. Take care to prevent any voltage from exceeding the maximum ratings in device application. Also, the analog power supply (AVCC, AVRH), analog input and digital power supply (VCCE) must not be exceed the digital power supply (VCC) when the power supply to the analog system and digital power supply (VCCE) are turned on or off. In the correct power-on sequence of the microcontroller, turn on the digital power supply (VCC), analog power supplies (AVCC, AVRH) and digital power supply (VCCE) simultaneously. Or, turn on the digital power supply (VCC), and then turn on analog power supplies (AVCC, AVRH) and digital power supply (VCCE). Treatment of unused pins If unused input pins are left open, they may cause a permanent damage to the device due to malfunction or latch-up. Connect at least a 2kΩ resistor to each of the unused pins for pull-up or pull-down processing. Also, if I/O pins are not used, they must be set to the output state for releasing or they must be set to the input state and treated in the same way as for the input pins. Power supply pins The device is designed to ensure that if the device contains multiple VCC or VSS pins, the pins that should be at the same potential are interconnected to prevent latch-up or other malfunctions. Further, connect these pins to an external power supply or ground to reduce unwanted radiation, prevent strobe signals from malfunctioning due to a raised ground level, and fulfill the total output current standard, etc. As shown in figure 1, all Vss power supply pins must be treated in the similar way. If multiple Vcc or Vss systems are connected, the device cannot operate correctly even within the guaranteed operating range. Figure 1 Power Supply Input Pins The power supply pins should be connected to VCC and VSS pins of this device at the low impedance from the power supply source. In the area close to this device, a ceramic capacitor having the capacitance larger than the capacitor of C pin is recommended to use as a bypass capacitor between VCC and VSS pins. Vss Vss Vcc Vcc Vss Vcc Vcc Vss Vss Vcc |