| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528R bảng dữ liệu(PDF) 172 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R bảng dữ liệu(HTML) 172 Page - SPANSION |
|
172 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 169 CONFIDENTIAL 2. Recommended operating conditions (VSS=AVSS=0.0V) Parameter Symbol Value Unit Remarks Min Max Power supply voltage VCC VCCE AVCC 4.5 5.5 V Recommended operation guarantee range (When 5.0V is used) 3.0 3.6 V Recommended operation guarantee range (When 3.3V is used) 2.7 5.5 V Operation guarantee range *1 Smoothing capacitor *2 CS 4.7 (tolerance within ±50%) µF Use a ceramic capacitor or a capacitor that has the similar frequency characteristics. Use a capacitor with a capacitance greater than CS as the smoothing capacitor on the VCC pin. Operating temperature TA -40 +105 °C -40 +125 °C *3 *1: When it is used outside recommended operation guarantee range (range of the operation guarantee),contact your sales representative. Moreover, minimum value with an effective external low-voltage detection reset becomes a voltage until generating low-voltage detection reset. *2: See the following diagram for details on the connection of smoothing capacitor CS. *3: When it is used under this condition, contact your sales representative. C Pin Connection Diagram CS C VSS AVSS VSS <WARNING> The recommended operating conditions are required in order to ensure the normal operation of the semiconductor device. All of the device's electrical characteristics are warranted when the device is operated under these conditions. Any use of semiconductor devices will be under their recommended operating condition. Operation under any conditions other than these conditions may adversely affect reliability of device and could result in device failure. No warranty is made with respect to any use, operating conditions or combinations not represented on this data sheet. If you are considering application under any conditions other than listed herein, please contact sales representatives beforehand. |