| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528R bảng dữ liệu(PDF) 157 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528R bảng dữ liệu(HTML) 157 Page - SPANSION |
|
157 / 241 page ![]() D a t a S h e e t 154 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Interrupt factor Interrupt number Interrupt level Offset Default address for TBR RN * Decimal Hexa- decimal 32-bit ICU8 (fetching /measurement) 54 36 ICR38 324H 000FFF24H 38* 1 Multi-function serial interface ch.11 (reception completed) Multi-function serial interface ch.11 (status) 32-bit ICU9 (fetching /measurement) 55 37 ICR39 320H 000FFF20H 39 WG dead timer underflow 0 / 1/ 2 WG dead timer reload 0 / 1/ 2 WG DTTI 0 32-bit ICU4 (fetching /measurement) 56 38 ICR40 31CH 000FFF1CH 40 Multi-function serial interface ch.11 (transmission completed) 32-bit ICU5 (fetching /measurement) 57 39 ICR41 318H 000FFF18H 41 A/D converter 32/33/34/35/36/37/38/39/40/41/42/43/44/45/46/47 32-bit OCU6/7/10/11 (match) 58 3A ICR42 314H 000FFF14H 42 32-bit OCU8/9 (match) 59 3B ICR43 310H 000FFF10H 43 Base timer 0 IRQ0 60 3C ICR44 30CH 000FFF0CH 44 Base timer 0 IRQ1 Base timer 1 IRQ0 61 3D ICR45 308H 000FFF08H 45* 5 Base timer 1 IRQ1 - - DMAC0/1/2/3/4/5/6/7/8/9/10/11/12/13/14/15 62 3E ICR46 304H 000FFF04H - Delayed interrupt 63 3F ICR47 300H 000FFF00H - System reserved (Used for REALOS TM*11) 64 40 - 2FCH 000FFEFCH - System reserved (Used for REALOS) 65 41 - 2F8H 000FFEF8H - Used with the INT instruction. 66 | 255 42 | FF - 2F4H | 000H 000FFEF4H | 000FFC00H - *: It does not support the DMA transfer request by the interrupt generated from a peripheral to which no RN (Resource Number) is assigned. *1: The status of the multi-function serial interface does not support the DMA transfer by the I 2C reception and FlexRay. *2: The reload timer ch.4 to ch.7 does not support the DMA transfer by the interrupt. *3: The PPG ch.24 to ch.87 does not support the DMA transfer by the interrupt. *4: The clock calibration unit does not support the DMA transfer by the interrupt. *5: It does not support the DMA transfer by the interrupt because of the RAM ECC bit error. *6: The 32-bit free-run timer ch.3 to ch.10 does not support the DMA transfer by the interrupt. *8: It does not support the DMA transfer by the external low-voltage detection interrupt. *9: It does not support the DMA transfer by the FlexRay interrupt. *10: It does not support the DMA transfer by the FlexRay timer interrupt. *11: REALOS is a trademark of Spansion LLC. |