| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528 bảng dữ liệu(PDF) 31 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 bảng dữ liệu(HTML) 31 Page - SPANSION |
|
31 / 241 page ![]() D a t a S h e e t 28 MB91F528_DS705-00016-1v0-E, March 28, 2014 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 53 67 79 AF14 P067 - B General-purpose I/O port AN36 - ADC analog 36 input pin FRCK5_0 - Free-run timer 5 clock input pin(0) AIN0_1 - U/D counter ch.0 AIN input pin(1) 54 68 80 AE14 P070 - A General-purpose I/O port ICU0_2 - Input capture ch.0 input pin(2) 55 69 81 AD14 P071 - G General-purpose I/O port SCK4_2 - Multi-function serial ch.4 clock I/O pin(2) AN35 - ADC analog 35 input pin ICU1_2 - Input capture ch.1 input pin(2) MONCLK - Clock monitor output pin 56 70 82 AC14 P072 - G General-purpose I/O port SIN4_0 - Multi-function serial ch.4 serial data input pin(0) AN34 - ADC analog 34 input pin ICU2_2 - Input capture ch.2 input pin(2) INT5_0 - INT5 external interrupt input pin(0) 57 71 83 AF15 P073 - D General-purpose I/O port SOT4_0/SDA4 - Multi-function serial ch.4 serial data output pin(0)/I 2C bus serial data I/O pin AN33 - ADC analog 33 input pin ICU3_2 - Input capture ch.3 input pin(2) - - - AE15 P262 - A General-purpose I/O port PPG70_0 - PPG ch.70 output pin(0) - - - AC15 P263 - A General-purpose I/O port PPG71_0 - PPG ch.71 output pin(0) - 72 84 AF16 P186 - A General-purpose I/O port PPG46_0 - PPG ch.46 output pin(0) - 73 85 AE16 P187 - A General-purpose I/O port PPG47_0 - PPG ch.47 output pin(0) 58 74 86 AC16 P074 - E General-purpose I/O port SCK4_0/SCL4 - Multi-function serial ch.4 clock I/O pin(0) / I 2C bus serial clock I/O pin - - 87 AF18 P214 - Q General-purpose I/O port SCK15_0/SCL15 - Multi-function serial ch.15 clock I/O pin(0)/ I 2C bus serial clock I/O pin AN51 - ADC analog 51 input pin PPG52_0 - PPG ch.52 output pin(0) |