| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB91F528 bảng dữ liệu(PDF) 28 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB91F528 bảng dữ liệu(HTML) 28 Page - SPANSION |
|
28 / 241 page ![]() D a t a S h e e t March 28, 2014, MB91F528_DS705-00016-1v0-E 25 CONFIDENTIAL Pin Number Pin Name I/O circuit type * 1 Function * 2 144 176 208 BGA 416 33 41 49 AA2 P052 - R General-purpose I/O port A20 External Bus address bit20 output pin PPG34_0 - PPG ch.34 output pin(0) INT14_0 - INT14 external interrupt input pin(0) RX5(128)_0 - CAN reception data 5 input pin(0) 34 42 50 AB1 P053 - B General-purpose I/O port A21 - External Bus address bit21 output pin AN44 - ADC analog 44 input pin PPG35_0 - PPG ch.35 output pin(0) INT14_1 - INT14 external interrupt input pin(1) SCK0_1 - Multi-function serial ch.0 clock I/O pin(1) 35 43 51 AB2 P054 - A General-purpose I/O port SYSCLK - External Bus system clock output pin PPG36_0 - PPG ch.36 output pin(0) - - - AC1 P252 - A General-purpose I/O port - - - AC2 P253 - A General-purpose I/O port - - - AE4 P254 - A General-purpose I/O port PPG68_0 - PPG ch.68 output pin(0) - - - AD5 P255 - A General-purpose I/O port PPG69_0 - PPG ch.69 output pin(0) 38 46 54 AF3 P055 - G General-purpose I/O port CS2X - External Bus chip select 2 output pin SIN10_0 - Multi-function serial ch.10 serial data input pin(0) AN43 - ADC analog 43 input pin PPG37_0 - PPG ch.37 output pin(0) TIN4_1 - Reload timer ch.4 event input pin(1) - 47 55 AC5 P180 - A General-purpose I/O port PPG40_0 - PPG ch.40 output pin(0) - 48 56 AC6 P181 - A General-purpose I/O port PPG41_0 - PPG ch.41 output pin(0) 39 49 57 AE3 P056 - A General-purpose I/O port CS3X - External Bus chip select 3 output pin ICU9_0 - Input capture ch.9 input pin(0) PPG0_1 - PPG ch.0 output pin(1) ICU0_1 - Input capture ch.0 input pin(1) TIN5_1 - Reload timer ch.5 event input pin(1) DTTI_2 - Waveform generator ch.0 to ch.5 input pin(2) - - - AD6 P256 - A General-purpose I/O port PPG66_1 - PPG ch.66 output pin(1) |