| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B520M bảng dữ liệu(PDF) 19 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B520M bảng dữ liệu(HTML) 19 Page - SPANSION |
|
19 / 113 page ![]() D a t a S h e e t 16 MB9B520M_DS706-00048-3v0-E, March 18, 2015 CONFIDENTIAL List of Pin Functions List of pin numbers The number after the underscore ("_") in pin names such as XXX_1 and XXX_2 indicates the relocated port number. For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port function register (EPFR) to select the pin. Pin No Pin Name I/O circuit type Pin state type LQFP-80 BGA-96 LQFP-64 QFN-64 LQFP-48 QFN-48 1 B1 1 1 VCC - 2 C1 2 2 P50 F N INT00_0 AIN0_2 SIN3_1 AN22 3 C2 3 3 P51 F N INT01_0 BIN0_2 SOT3_1 (SDA3_1) AN23 4 B3 4 4 P52 F N INT02_0 ZIN0_2 SCK3_1 (SCL3_1) AN24 5 D1 - - P53 E L SIN6_0 TIOA1_2 INT07_2 6 D2 - - P54 E L SOT6_0 (SDA6_0) TIOB1_2 INT18_1 7 D3 - - P55 E L SCK6_0 (SCL6_0) ADTG_1 INT19_1 8 E1 - - P56 E L INT08_2 9 E2 5 - P30 F N AIN0_0 TIOB0_1 INT03_2 AN25 |