công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9B310R bảng dữ liệu(PDF) 72 Page - SPANSION

tên linh kiện MB9B310R
Giải thích chi tiết về linh kiện  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B310R bảng dữ liệu(HTML) 72 Page - SPANSION

Back Button MB9B310R Datasheet HTML 68Page - SPANSION MB9B310R Datasheet HTML 69Page - SPANSION MB9B310R Datasheet HTML 70Page - SPANSION MB9B310R Datasheet HTML 71Page - SPANSION MB9B310R Datasheet HTML 72Page - SPANSION MB9B310R Datasheet HTML 73Page - SPANSION MB9B310R Datasheet HTML 74Page - SPANSION MB9B310R Datasheet HTML 75Page - SPANSION MB9B310R Datasheet HTML 76Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 129 page
background image
D a t a S h e e t
March 11, 2015, MB9B310R-DS706-00027-3v0-E
69
CONFIDENTIAL
2.
Recommended Operating Conditions
(VSS = AVSS = 0.0V)
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
2.7
5.5
V
Power supply voltage for
USB ch.0
USBVCC
-
3.0
3.6
(≤ VCC)
V
*1
2.7
5.5
(≤ VCC)
*2
Analog power supply voltage
AVCC
-
2.7
5.5
V
AVCC = VCC
Analog reference voltage
AVRH
-
2.7
AVCC
V
Smoothing capacitor
CS
-
1
10
μF
For built-in
regulator*
3
Operating
temperature
FPT-100P-M20/M23
FPT-120P-M21/M37
TA
When
mounted on
four-layer
PCB
- 40
+ 85
°C
FPT-100P-M36
BGA-112P-M04
TA
-
- 40
+ 85
°C
*1: When P81/UDP0 and P80/UDM0 pin are used as USB (UDP0, UDM0).
*2: When P81/UDP0 and P80/UDM0 pin are used as GPIO (P81, P80).
<WARNING>
The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device's electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure. No warranty is made
with respect to uses, operating conditions, or combinations not represented on the data sheet. Users
considering application outside the listed conditions are advised to contact their representatives beforehand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com