công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9B310R bảng dữ liệu(PDF) 69 Page - SPANSION

tên linh kiện MB9B310R
Giải thích chi tiết về linh kiện  This document states the current technical specifications regarding
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9B310R bảng dữ liệu(HTML) 69 Page - SPANSION

Back Button MB9B310R Datasheet HTML 65Page - SPANSION MB9B310R Datasheet HTML 66Page - SPANSION MB9B310R Datasheet HTML 67Page - SPANSION MB9B310R Datasheet HTML 68Page - SPANSION MB9B310R Datasheet HTML 69Page - SPANSION MB9B310R Datasheet HTML 70Page - SPANSION MB9B310R Datasheet HTML 71Page - SPANSION MB9B310R Datasheet HTML 72Page - SPANSION MB9B310R Datasheet HTML 73Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 129 page
background image
D a t a S h e e t
66
MB9B310R-DS706-00027-3v0-E, March 11, 2015
CONFIDENTIAL
Pin
status
type
Function group
Power-on reset
or low-voltage
detection state
INITX input
state
Device
internal reset
state
Run mode or
sleep mode
state
Timer mode or sleep mode
state
Power supply
unstable
Power supply stable
Power supply
stable
Power supply stable
-
INITX=0
INITX=1
INITX=1
INITX=1
-
-
-
-
SPL=0
SPL=1
N
GPIO selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
Sub crystal
oscillator output
pin
Hi-Z/
Internal input
fixed at "0"/
or Input
enable
Hi-Z/
Internal
input fixed
at "0"
Hi-Z/
Internal
input fixed
at "0"
Maintain
previous
state
Maintain
previous
state/ Hi-Z
at oscillation
stop
*
2/
Internal
input fixed
at "0"
Maintain
previous
state/ Hi-Z
at oscillation
stop
*
2/
Internal
input fixed
at "0"
O
GPIO selected
Hi-Z
Hi-Z/
Input
enabled
Hi-Z/
Input
enabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Internal
input fixed
at "0"
USB I/O pin
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Hi-Z at
transmission/
Input
enabled/
Internal input
fixed at "0"
at reception
Hi-Z at
transmission/
Input
enabled/
Internal input
fixed at "0"
at reception
P
Mode input pin
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
Input
enabled
GPIO selected
Setting
disabled
Setting
disabled
Setting
disabled
Maintain
previous
state
Maintain
previous
state
Hi-Z/
Input
enabled
*1: Oscillation is stopped at Sub Timer mode, Low-speed CR Timer mode, and Stop mode.
*2: Oscillation is stopped at Stop mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com