công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS5171 bảng dữ liệu(PDF) 14 Page - ams AG

tên linh kiện AS5171
Giải thích chi tiết về linh kiện  Accurate angle measurement
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMSCO [ams AG]
Trang chủ  http://www.ams.com
Logo AMSCO - ams AG

AS5171 bảng dữ liệu(HTML) 14 Page - ams AG

Back Button AS5171 Datasheet HTML 10Page - ams AG AS5171 Datasheet HTML 11Page - ams AG AS5171 Datasheet HTML 12Page - ams AG AS5171 Datasheet HTML 13Page - ams AG AS5171 Datasheet HTML 14Page - ams AG AS5171 Datasheet HTML 15Page - ams AG AS5171 Datasheet HTML 16Page - ams AG AS5171 Datasheet HTML 17Page - ams AG AS5171 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Page 14
ams Datasheet
Document Feedback
[v1-01] 2016-Feb-17
AS5171 − Register Description
0x12
3:0
XLIN1
X linearization point 1
6:4
YLIN1
Y linearization point 1
0x13
3:0
XLIN2
X linearization point 2
6:4
YLIN2
Y linearization point 2
0x14
7:0
CLMPH
Clamping level high
Reg 0x14[0] =LSB
Reg 0x15[3]=MSN
0x15
3:0
7:4
CLMPL
Clamping level low
Reg 0x15[4] =LSB
Reg 0x16[7]=MSN
0x16
7:0
0x17
7:0
PPOFFSET
Post processing offset
Reg 0x17[0] =LSB
Reg 0x19[3]=MSB
0x18
7:0
0x19
3:0
7:4
PPGAIN
Post processing gain
Reg 0x19[4] =LSB
Reg 0x1B[3]=MSB
0x1A
7:0
0x1B
4:0
7:5
BP
Break point
Reg 0x1B[5] =LSB
Reg 0x1D[2]=MSB
0x1C
7:0
0x1D
2:0
3
MFER
Magnetic field extended range (1 = Bz, 0 = BzE)
4AER
Angle extended range (set to 1 if the maximum
angle excursion is smaller than 22 degree)
6:5
FILTER
Post processing filter
7
CUSLOCK
Customer settings lock
0x1E
7:0
SIGN
Signature
Address
Bit Position
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42