công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MASW-011071 bảng dữ liệu(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MASW-011071
Giải thích chi tiết về linh kiện  20 W HMIC Silicon PIN Diode Terminated SPDT Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011071 bảng dữ liệu(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MASW-011071 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
20 W HMIC Silicon PIN Diode Terminated SPDT Switch
8.0 - 10.5 GHz
Rev. V1
MASW-011071
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Absolute Maximum Ratings8,9
Applied Reverse Voltage
100 V
Bias Current
100 mA @ +70°C
RF CW Incident Power
(Transmission)
20 W @ +70°C
RF CW Incident Power
(Termination)
1 W @ +70°C
Junction Temperature
+175°C
Operating Temperature
-40°C to +70°C
Storage Temperature
-65°C to +150°C
8. Exceeding any one or combination of these limits may cause
permanent damage to this device.
9. MACOM does not recommend sustained operation near these
survivability limits.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Integrated Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these HBM Class 1A
devices.
Functional Schematic
B3
J3
J1
B2
J2



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com