công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MASW-011071 bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MASW-011071
Giải thích chi tiết về linh kiện  20 W HMIC Silicon PIN Diode Terminated SPDT Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011071 bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-011071 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-011071 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
20 W HMIC Silicon PIN Diode Terminated SPDT Switch
8.0 - 10.5 GHz
Rev. V1
MASW-011071
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
—
0.9
1.0
1.0
1.2
—
—
1.4
—
Input to Output Isolation
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
—
—
32
—
36
37
39
38
—
Input Return Loss
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
—
26
26
31
19
—
Return Loss (Termination)
8.0 GHz
8.5 GHz
9.5 GHz
10.5 GHz
dB
—
—
14
—
12
16
28
18
—
P0.1dB
9.5 GHz
(+5 V, -30 V)
dBm
—
44.5
—
Input IP3
10 GHz, +20 dBm,
10 MHz spacing
dBm
—
60
—
Switching Speed6
10 GHz, +/- 4 V, PW 500 ns,
50% duty cycle
ns
—
130
—
Electrical Specifications5: TA = +25°C, Z0 = 50 Ω, PIN = 0 dBm (unless otherwise noted)
5. See Driver Connections table.
6. Typical switching speed measured from 10% to 90 % of detected RF signal driven by TTL compatible drivers. MACOM recommends the
MADR-007097, Complementary Channel TTL PIN Diode Driver.
DC Control Voltages
(DC Currents)
Condition of
RF Output
B2
B3
J1-J2
J1-J3
-5 V7
(0 mA)
+5 V
(55 mA typ.)
Insertion
Loss
Isolation
+5 V
(55 mA typ.)
-5 V7
(0 mA)
Isolation
Insertion
Loss
Driver Connections
Bias Control7
Optimal operation is achieved by simultaneous
application of negative DC voltage to the low loss
switch path and positive DC voltage to the isolating
switch path.
In the low loss path, the diodes are reverse biased.
In the isolating path, the diodes are forward biased.
Minimum Reverse Bias Required:
At X-Band, with a 1:1 match, 5 V of reverse bias is
required. With a 4:1 match, 10 V of reverse bias is
required.
However MACOM recommends 30 V of reverse bias
to achieve optimal operating conditions.
7. R. Caverly and G. Hiller, “Establishing the Minimum Reverse
Bias for a P-I-N Diode in a High Power Switch,” IEEE
Transactions on Microwave Theory and Techniques, Vol.38,
No.12, December 1990.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com