công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP9971GS bảng dữ liệu(PDF) 1 Page - Advanced Power Electronics Corp.

tên linh kiện AP9971GS
Giải thích chi tiết về linh kiện  Simple Drive Requirement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  A-POWER [Advanced Power Electronics Corp.]
Trang chủ  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9971GS bảng dữ liệu(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9971GS Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9971GS Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9971GS Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9971GS Datasheet HTML 4Page - Advanced Power Electronics Corp. AP9971GS Datasheet HTML 5Page - Advanced Power Electronics Corp. AP9971GS Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
60V
▼ Lower On-resistance
RDS(ON)
36mΩ
▼ RoHS Compliant & Halogen-Free
ID
25A
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
3.2
℃
/W
Rthj-a
40
℃
/W
Data and specifications subject to change without notice
AP9971GS
Halogen-Free Product
201508271
80
25
16
Parameter
Rating
Drain-Source Voltage
60
Gate-Source Voltage
+20
Pulsed Drain Current
1
Drain Current, VGS @ 10V
Drain Current, VGS @ 10V
-55 to 150
Total Power Dissipation
39
-55 to 150
Thermal Data
Storage Temperature Range
Operating Junction Temperature Range
Maximum Thermal Resistance, Junction-ambient (PCB mount)
3
Parameter
1
G
D
S
AP4604 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The TO-220 package is widely preferred for all commercial-
industrial through hole applications. The low thermal
resistance and low package cost contribute to the worldwide
popular package.
G
D
S
AP9971 series are from Advanced Power innovated design and
silicon process technology to achieve the lowest possible on-
resistance and fast switching performance. It provides the designer
with an extreme efficient device for use in a wide range of power
applications.
The TO-263 package is widely preferred for all commercial-
industrial through hole applications. The low thermal resistance and
low package cost contribute to the worldwide popular package.
G
D
S
TO-263(S)
.


Số phần tương tự - AP9971GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Power Electron...
AP9971GS,P-HF A-POWER-AP9971GS,P-HF Datasheet
105Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9971GS-HF A-POWER-AP9971GS-HF_14 Datasheet
105Kb / 4P
Single Drive Requirement
More results

Mô tả tương tự - AP9971GS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Power Electron...
AP3310GJ-HF A-POWER-AP3310GJ-HF Datasheet
111Kb / 6P
Simple Drive Requirement, Simple Drive Requirement
AP0103GMT-HF A-POWER-AP0103GMT-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP0803GMT-HF A-POWER-AP0803GMT-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP11N50I A-POWER-AP11N50I_16 Datasheet
59Kb / 5P
Simple Drive Requirement
AP85U03GMT-HF A-POWER-AP85U03GMT-HF_16 Datasheet
99Kb / 5P
Simple Drive Requirement
AP2304AGN-HF A-POWER-AP2304AGN-HF_16 Datasheet
63Kb / 5P
Simple Drive Requirement
AP2309GN-HF A-POWER-AP2309GN-HF_16 Datasheet
103Kb / 5P
Simple Drive Requirement
AP92T12GP-HF A-POWER-AP92T12GP-HF_16 Datasheet
52Kb / 5P
Simple Drive Requirement
AP92U03GP-HF A-POWER-AP92U03GP-HF_16 Datasheet
53Kb / 5P
Simple Drive Requirement
AP94T07GI-HF A-POWER-AP94T07GI-HF Datasheet
99Kb / 5P
Simple Drive Requirement
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com