công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT04VS33P bảng dữ liệu(PDF) 8 Page - Aeroflex Circuit Technology

tên linh kiện UT04VS33P
Giải thích chi tiết về linh kiện  UT04VS33P Voltage Supervisor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT04VS33P bảng dữ liệu(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT04VS33P Datasheet HTML 4Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 5Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 6Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 7Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 8Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 9Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 10Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 11Page - Aeroflex Circuit Technology UT04VS33P Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Notes:
1. For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is specified at 25oC per MIL-STD-883 Method 1019, Condition
A, up to the maximum TID level procured (see ordering information).
2. RESET, RESETB, VOUT1, VOUT2, VOUT3 and VOUT4 guaranteed to be in the correct state for VDD down to 1.2V.
3. Guaranteed by design but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21