công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE4990 bảng dữ liệu(PDF) 16 Page - Infineon Technologies AG

tên linh kiện TLE4990
Giải thích chi tiết về linh kiện  Programmable Linear Output Hall Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990 bảng dữ liệu(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4990 Datasheet HTML 12Page - Infineon Technologies AG TLE4990 Datasheet HTML 13Page - Infineon Technologies AG TLE4990 Datasheet HTML 14Page - Infineon Technologies AG TLE4990 Datasheet HTML 15Page - Infineon Technologies AG TLE4990 Datasheet HTML 16Page - Infineon Technologies AG TLE4990 Datasheet HTML 17Page - Infineon Technologies AG TLE4990 Datasheet HTML 18Page - Infineon Technologies AG TLE4990 Datasheet HTML 19Page - Infineon Technologies AG TLE4990 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Signal Processing
Data Sheet
16
V 2.0, 2004-05
6.4
Clamping (not enabled in -E6782 version)
The clamping function is useful to split the output voltage range into operating range and
error ranges.
If the magnetic field is outside the selected measurement range, the output voltage
Vout
is limited to the clamping values.
Therefore an output voltage in the error range indicates a wire breakage (see Open
Circuit (OBD parameters), Table 12) or a short circuit.
The clamping function is enabled, when the clamp bit is set.
The following figure shows how the magnetic field range between
Bmin and Bmax is
mapped to voltages between 0.5 V and 4.5 V.
If it is not necessary to signal errors, the clamping should be disabled. In this case the
maximum output voltage range between 0.3 V and 4.7 V can be used.
Figure 5
Clamping
Table 11
Clamping Ranges
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Clamping voltage low
VCL,low 8
12
%
of
VDD 1)
Clamping voltage high
VCL,high 88
92
%
of
VDD 1)
1) RLOAD ≥ 4.7 kΩ
0
1
B
min
B
B
max
V
out (V)
5
2
4
3
Error range
Error range
Operating range
V
CLL
V
CLH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com