| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC2440AEVB bảng dữ liệu(PDF) 2 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SC2440AEVB bảng dữ liệu(HTML) 2 Page - Semtech Corporation |
|
2 / 28 page ![]() 2 Pin Configuration Marking Information Ordering Information Notes: () Available in tape and reel only. A reel contains 2,500 devices. (2) Available in lead-free package only. Device is WEEE and RoHS compliant. ROSC SYNC GND IN SW 2 SW 1 BST2 SS2 PGOOD2 COMP2 FB2 BST1 SS1 PGOOD1 COMP1 FB1 17 15 14 13 12 11 1 2 3 4 5 16 10 9 IN 6 7 8 θ JA = 40°C/W 16 Pin TSSOP-EDP Top View SC2440A Device Package SC2440ATETRT() (2) TSSOP-6 EDP SC2440AEVB Evaluation Board yyww - Date Code xxxxx xxxxx - Semtech Lot Number |