| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6663CC bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CC bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 63 page ![]() Video data interface VS6663CC 36/63 Doc ID028526 Rev 1 5.1 Frame format The frame format for the VS6663CC is described by the frame format description registers in Table 11 on page 23. For CCP2 this results in a frame as shown in Figure 11 and for CSI- 2 it results in a frame as shown in Figure 12. Figure 11. VS6663CC CCP2 frame format Figure 12. VS6663CC CSI-2 frame format Embedded data lines The embedded data lines provide a mechanism to embed non-image data such as sensor configuration details within the output data stream. The number of embedded data lines at the start and end of the frame is specified as part of the frame format description. VS6663CC has two embedded data lines. Interframe padding Bayer pixel data FE FS 2 embedded data lines Frame start code Frame end code Bayer pixel data Embedded data Frame start packet Frame end packet Line blanking Frame blanking FE FS |