| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VS6663CC bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6663CC bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 63 page ![]() Doc ID028526 Rev 1 11/63 VS6663CC Device pinout 46 2 VANA PWR Analog power 10 VDIG PWR Digital power System 3 XSHUTDOWN I Power down control(2) 4 EXTCLK I System clock input Control 5 SCL I Serial communication clock 6 SDA I/O Serial communication data Data 8 CLK- SubLVDS output Output qualifying clock 9 CLK+ SubLVDS output Output qualifying clock 11 DATA- SubLVDS output Serial output data 12 DATA+ SubLVDS output Serial output data ST test TP ST test pins Do not connect(3) 1. No connection should be made to VCAP. 2. Signal is active low. 3. Test pins are not floating. Table 4. Pin description (continued) Pad number Pad name I/O type Description |