| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VD5377 bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD5377 bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 88 page ![]() Doc ID 022952 Rev 2 71/88 VD5377 I2C register map a GPIO_BACKLED1 gpio_backled1_en 0 PRW 00 BACKLED1 output enable (active low) 0 = PAD configured as OUTPUT 1 = PAD configured as INPUT gpio_backled1_a 1 PRW 01 BACKLED1 data output (when _en = 0) gpio_backled1_zi 2 PR 01 BACKLED1 IO value gpio_backled1_tm 3 PRW 00 Reserved. Do not modify this bit. gpio_backled1_a_ctrl 4 PRW 00 BACKLED1 data output origin 0 = Output value from HW register 1 = Output value from PWM 1 gpio_backled1_ opendrain 7PRW 01 BACKLED1 pad open drain control 0 = BACKLED1 pad normal config 1 = BACKLED1 pad in open drain (A=EN) b GPIO_BACKLED2 gpio_backled2_en 0 PRW 00 BACKLED2 output enable (active low) 0 = PAD configured as OUTPUT 1 = PAD configured as INPUT gpio_backled2_a 1 PRW 01 BACKLED2 data output (when _en = 0) gpio_backled2_zi 2 PR 01 BACKLED2 IO value gpio_backled2_tm 3 PRW 00 Reserved. Do not modify this bit. gpio_backled2_a_ctrl 4 PRW 00 BACKLED2 data output origin 0 = Output value from HW register 1 = Output value from PWM 2 gpio_backled2_ opendrain 7PRW 01 BACKLED2 pad open drain control 0 = BACKLED2 pad normal config 1 = BACKLED2 pad in open drain (A=EN) Table 38. I2C register map (continued) Addr (Hex) Register name SIgnal name Bit Type Default (Hex) Comment |