| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STWBCTR bảng dữ liệu(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWBCTR bảng dữ liệu(HTML) 32 Page - STMicroelectronics |
|
32 / 36 page ![]() Thermal characteristics STWBC 32/36 DocID027322 Rev 3 6 Thermal characteristics The STWBC functionality cannot be guaranteed when the device operating exceeds the maximum chip junction temperature (TJmax). TJmax, in °C, may be calculated using equation: TJmax = TAmax + (PDmax x JA) where: TAmax is the maximum ambient temperature in °C JA is the package junction to ambient thermal resistance in °C/W PDmax is the sum of PINTmax and PI/Omax (PDmax = PINTmax + PI/Omax) PINTmax is the product of IDD and VDD, expressed in watts. This is the maximum chip internal power. PI/Omax represents the maximum power dissipation on output pins where: PI/Omax = (VOL * IOL) + [(VDD - VOH) * IOH], taking into account the actual VOL/IOL and VOH/IOH of the I/Os at the low and high level. Table 20. Package thermal characteristics Symbol Parameter Value Unit JA VFQFPN32 - thermal resistance junction to ambient(1) 1. Thermal resistance is based on JEDEC JESD51-2 with 4-layer PCB in a natural convection environment. 26 °C/W |