| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STWBCTR bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STWBCTR bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 36 page ![]() Pinout and pin description STWBC 10/36 DocID027322 Rev 3 4 Pinout and pin description The STWBC is a multifunction device that can support several wireless charging architectures. The pinout is therefore application specific. Section 4.1 shows the pinout used by the STWBC when the Qi A11 configuration is used. 4.1 Pinout for STWBC in Qi A11 configuration Figure 3. STWBC pinout view |