công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GCS265 bảng dữ liệu(PDF) 4 Page - XP Power Limited

tên linh kiện GCS265
Giải thích chi tiết về linh kiện  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  XPPOWER [XP Power Limited]
Trang chủ  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS265 bảng dữ liệu(HTML) 4 Page - XP Power Limited

  GCS265 Datasheet HTML 1Page - XP Power Limited GCS265 Datasheet HTML 2Page - XP Power Limited GCS265 Datasheet HTML 3Page - XP Power Limited GCS265 Datasheet HTML 4Page - XP Power Limited GCS265 Datasheet HTML 5Page - XP Power Limited GCS265 Datasheet HTML 6Page - XP Power Limited GCS265 Datasheet HTML 7Page - XP Power Limited GCS265 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GCS265 Series
AC-DC Power Supplies
www.xppower.com
4
Signals & Controls
Figure 6
Power Fail (AC-OK)
Figure 9
Thermal Derating Curve
Figure 8
Remote On/Off (Enable)
Characteristic
Notes & Conditions
Power Fail (AC-OK)
Open collector pin 6 referenced to -ve sense pin 2 of J4.
Provides ≥2 ms warning of loss of output from AC failure.
Standby Supply
5 VDC/3.0 A Isolated supply present when AC applied.
Remote Sense
Compensates for 0.5 V total voltage drop
Remote On/Off
Inhibit
The inhibit lo (pin 4), should be pulled below 0.4 V to switch V1 & Vfan off. Open circuit or >4 V to
switch on (see fig. 7)
Enable
With the inhibit lo (pin 4) pulled low as detailed above, connecting inhibit hi (pin 5) to inhibit lo (pin 4)
will enable V1 & V fan output. (see fig. 8)
AC OK Collector
Pin 6
AC OK Emitter
Pin 2
POWER SUPPLY
Transistor On (<0.8 V): AC NOT OK
Transistor Off (>4.5 V): AC OK
J4 Logic Connector
330R
5 V Standby
Return Pin 9 & 10
5 V Standby
Pin 7 & 8
Max 12 V 20 mA
Figure 7
Remote On/Off (Inhibit)
0 V
Inhibit Lo
Pin 4
POWER SUPPLY
Signals Connector
0 V
Inhibit Lo
Pin 4
Inhibit Hi
Pin 5
POWER SUPPLY
Signals Connector
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+70
°C
See derating curve, fig. 9
Storage Temperature
-40
+85
°C
Cooling
7
CFM
Forced Cooled >180 W
Humidity
5
95
%RH
Non-condensing
Operating Altitude
TBA
m
Shock
±3 x 30g shocks in each plane, total 18 shocks. 30g =
11ms (+/-0.5msec), half sine. Conforms to EN60068-2-27
& EN60068-2-47
Vibration
Single axis 10 - 500 Hz at 2g sweep and endurance at
resonance in all 3 planes. Conforms to EN60068-2-6
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com