công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPS25HBTR bảng dữ liệu(PDF) 12 Page - STMicroelectronics

tên linh kiện LPS25HBTR
Giải thích chi tiết về linh kiện  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS25HBTR bảng dữ liệu(HTML) 12 Page - STMicroelectronics

Back Button LPS25HBTR Datasheet HTML 8Page - STMicroelectronics LPS25HBTR Datasheet HTML 9Page - STMicroelectronics LPS25HBTR Datasheet HTML 10Page - STMicroelectronics LPS25HBTR Datasheet HTML 11Page - STMicroelectronics LPS25HBTR Datasheet HTML 12Page - STMicroelectronics LPS25HBTR Datasheet HTML 13Page - STMicroelectronics LPS25HBTR Datasheet HTML 14Page - STMicroelectronics LPS25HBTR Datasheet HTML 15Page - STMicroelectronics LPS25HBTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Mechanical and electrical specifications
LPS25HB
12/40
DocID027112 Rev 2
2.4
Absolute maximum ratings
Stress above those listed as “Absolute maximum ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note:
Supply voltage on any pin should never exceed 4.8 V.
Table 7. Absolute maximum ratings
Symbol
Ratings
Maximum value
Unit
VDD
Supply voltage
-0.3 to 4.8
V
Vdd_IO I/O pins supply voltage
-0.3 to 4.8
V
Vin
Input voltage on any control pin
-0.3 to Vdd_IO +0.3
V
P
Overpressure
2
MPa
T
STG
Storage temperature range
-40 to +125
°C
ESD
Electrostatic discharge protection
2 (HBM)
kV
This device is sensitive to mechanical shock, improper handling can cause
permanent damage to the part.
This device is sensitive to electrostatic discharge (ESD), improper handling can
cause permanent damage to the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40