| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPS25HBTR bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LPS25HBTR bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 40 page ![]() DocID027112 Rev 2 11/40 LPS25HB Mechanical and electrical specifications 40 2.3.2 I2C - inter-IC control interface Subject to general operating conditions for Vdd and TOP. Figure 4. I2C slave timing diagram Note: Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both ports. Table 6. I2C slave timing values Symbol Parameter (1) I²C standard mode(1) I²C fast mode(1) Unit Min Max Min Max f(SCL) SCL clock frequency 0 100 0 400 kHz tw(SCLL) SCL clock low time 4.7 1.3 µs tw(SCLH) SCL clock high time 4.0 0.6 tsu(SDA) SDA setup time 250 100 ns th(SDA) SDA data hold time 0.01 3.45 0 0.9 µs tr(SDA) tr(SCL) SDA and SCL rise time 1000 20 + 0.1Cb(2) 300 ns tf(SDA) tf(SCL) SDA and SCL fall time 300 20 + 0.1Cb (2) 300 th(ST) START condition hold time 4 0.6 µs tsu(SR) Repeated START condition setup time 4.7 0.6 tsu(SP) STOP condition setup time 4 0.6 tw(SP:SR) Bus free time between STOP and START condition 4.7 1.3 1. Data based on standard I2C protocol requirement, not tested in production. 2. Cb = total capacitance of one bus line, in pF. SDA SCL tf(SDA) tsu(SP) tw(SCLL) tsu(SDA) tr(SDA) tsu(SR) th(ST) tw(SCLH) th(SDA) tr(SCL) tf(SCL) tw(SP:SR) START REPEATED START STOP START |