công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9662TR bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện L9662TR
Giải thích chi tiết về linh kiện  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 31Page - STMicroelectronics L9662TR Datasheet HTML 32Page - STMicroelectronics L9662TR Datasheet HTML 33Page - STMicroelectronics L9662TR Datasheet HTML 34Page - STMicroelectronics L9662TR Datasheet HTML 35Page - STMicroelectronics L9662TR Datasheet HTML 36Page - STMicroelectronics L9662TR Datasheet HTML 37Page - STMicroelectronics L9662TR Datasheet HTML 38Page - STMicroelectronics L9662TR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 80 page
background image
DocID028325 Rev 1
35/80
L9662
Functional description
79
Figure 9. Squib diagnostics block diagram
Short to battery/ground and loop to loop diagnostics
The leakage diagnostic includes a short to battery, a short to ground and a short between
loop tests. The test will be run for each SQHx and SQLx pin so that shorts can be detected
regardless of the resistance between the squib pins.
Normal short to battery/ground diagnostics.
For the test the internal VRCM is switched on and connected to the selected pin (SQHx or
SQLx). The IPD bit will be selected to be OFF which will deactivate the pulldown current on
all the channels. During the test if no leakage is present the voltage on the selected SQHx
or SQLx pin will be equal to VBIAS and no current is sunk or sourced by VRCM. If a leakage
to ground or battery, the VRCM will sink or source a current less than ISVRCM trying to
keep VBIAS. Two current comparators, ISTB and ISTG, will detect the abnormal current
flow.
Loop to loop diagnostics
For this test the same procedure is followed except the pulldown current (IPD) is selected to
be ON which will deactivate the pulldown current only on the channel under test with all
other channel pulldown currents active. If a short to ground fault is active, assuming it was
not active during normal short to battery/ground diagnostics, then that particular channel
has a short to another squib loop. To detect loop to loop shorts between ASICs in the
system the Stop diagnostics command with IPD enabled needs to be sent to the other
ASICs before running the loop to loop diagnostics on the channel to be monitored. If the
channel being monitored has a short to ground fault active, assuming it was not active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com