công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

L9662TR bảng dữ liệu(PDF) 57 Page - STMicroelectronics

tên linh kiện L9662TR
Giải thích chi tiết về linh kiện  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR bảng dữ liệu(HTML) 57 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 53Page - STMicroelectronics L9662TR Datasheet HTML 54Page - STMicroelectronics L9662TR Datasheet HTML 55Page - STMicroelectronics L9662TR Datasheet HTML 56Page - STMicroelectronics L9662TR Datasheet HTML 57Page - STMicroelectronics L9662TR Datasheet HTML 58Page - STMicroelectronics L9662TR Datasheet HTML 59Page - STMicroelectronics L9662TR Datasheet HTML 60Page - STMicroelectronics L9662TR Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
DocID028325 Rev 1
57/80
L9662
Functional description
79
The receiver disable time, tRECV_disable, is started from the rising edge of the INITSYNC
input. When operating in sync mode the valid sync time selections would be tSYNC_high1 and
tSYNC_high2.
In synchronous communication mode it is possible to communicate with a maximum of two
(2) satellites on one channel. This is done using a simple form of time division multiplexing
where each device transmit its data during a known time slot.
The figure below shows examples for 1 or 2 satellites on a channel.
Figure 11. Synchronization pulse timing (single device)
Figure 12. Synchronization pulse timing (mini bus)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80