| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F756IG bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756IG bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 228 page ![]() Description STM32F756xx 16/228 DocID027589 Rev 4 Figure 2. STM32F756xx block diagram 1. The timers connected to APB2 are clocked from TIMxCLK up to 216 MHz, while the timers connected to APB1 are clocked from TIMxCLK either up to 108 MHz or 216 MHz depending on TIMPRE bit configuration in the RCC_DCKCFGR register. |