| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F756IG bảng dữ liệu(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F756IG bảng dữ liệu(HTML) 83 Page - STMicroelectronics |
|
83 / 228 page ![]() Port E PE14 - TIM1_C H4 -- - SPI4_M OSI - --- SAI2_MC K_B - FMC_D1 1 - LCD_CL K EVEN TOUT PE15 - TIM1_B KIN - - - - - --- - - FMC_D1 2 - LCD_R7 EVEN TOUT Port F PF0 - - - - I2C2_SD A -- - - - - - FMC_A0 -- EVEN TOUT PF1 - - - - I2C2_SC L -- - - - - - FMC_A1 -- EVEN TOUT PF2 - - - - I2C2_SM BA -- - - - - - FMC_A2 -- EVEN TOUT PF3 - -- - - -- - - - - - FMC_A3 -- EVEN TOUT PF4 - -- - - -- - - - - - FMC_A4 -- EVEN TOUT PF5 - -- - - -- - - - - - FMC_A5 -- EVEN TOUT PF6 - - - TIM10_C H1 - SPI5_NS S SAI1_SD _B - UART7_ Rx QUADSP I_BK1_IO 3 - - --- EVEN TOUT PF7 - - - TIM11_CH 1 - SPI5_SC K SAI1_M CLK_B - UART7_T x QUADSP I_BK1_IO 2 - - --- EVEN TOUT PF8 - - - - - SPI5_MI SO SAI1_SC K_B - UART7_ RTS TIM13_C H1 QUADSPI _BK1_IO0 - --- EVEN TOUT PF9 - - - - - SPI5_M OSI SAI1_FS _B - UART7_ CTS TIM14_C H1 QUADSPI _BK1_IO1 - --- EVEN TOUT PF10 - - - - - - - --- - - - DCMI_D 11 LCD_DE EVEN TOUT PF11 - - - - - SPI5_M OSI - --- SAI2_SD_ B - FMC_SD NRAS DCMI_D 12 - EVEN TOUT PF12 - - - - - - - --- - - FMC_A6 - - EVEN TOUT Table 12. STM32F756xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |