| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303VE bảng dữ liệu(PDF) 162 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE bảng dữ liệu(HTML) 162 Page - STMicroelectronics |
|
162 / 184 page ![]() Package information STM32F303xD STM32F303xE 162/184 DocID026415 Rev 4 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 LQFP144 package information Figure 54. LQFP144 - 144-pin, 20 x 20 mm low-profile quad flat package outline 1. Drawing is not to scale. |