| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F303VE bảng dữ liệu(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VE bảng dữ liệu(HTML) 100 Page - STMicroelectronics |
|
100 / 184 page ![]() Electrical characteristics STM32F303xD STM32F303xE 100/184 DocID026415 Rev 4 Table 44. Asynchronous non-multiplexed SRAM/PSRAM/NOR read timings(1) 1. Based on characterization, not tested in production Symbol Parameter Min Max Unit tw(NE) FMC_NE low time 2THCLK– 1 2THCLK+1 ns tv(NOE_NE) FMC_NEx low to FMC_NOE low 0 1 tw(NOE) FMC_NOE low time 2THCLK 2THCLK+ 1.5 th(NE_NOE) FMC_NOE high to FMC_NE high hold time 0.5 - tv(A_NE) FMC_NEx low to FMC_A valid - 3 th(A_NOE) Address hold time after FMC_NOE high 0 - tv(BL_NE) FMC_NEx low to FMC_BL valid - 2 (NA) th(BL_NOE) FMC_BL hold time after FMC_NOE high 0 - tsu(Data_NE) Data to FMC_NEx high setup time THCLK + 6 - tsu(Data_NOE) Data to FMC_NOEx high setup time THCLK +7 - th(Data_NOE) Data hold time after FMC_NOE high 0 - th(Data_NE) Data hold time after FMC_NEx high 0 - tv(NADV_NE) FMC_NEx low to FMC_NADV low - 2 tw(NADV) FMC_NADV low time - THCLK +1.5 Table 45. Asynchronous non-multiplexed SRAM/PSRAM/NOR read-NWAIT timings(1) 1. Based on characterization, not tested in production Symbol Parameter Min Max Unit tw(NE) FMC_NE low time 7THCLK +0.5 7THCLK+ 1 ns tw(NOE) FMC_NWE low time 6THCLK -1.5 6THCLK +2 tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high 4THCLK +5 - th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid 4THCLK-3 - |