công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS3USB221DRCRG4 bảng dữ liệu(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TS3USB221DRCRG4
Giải thích chi tiết về linh kiện  High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221DRCRG4 bảng dữ liệu(HTML) 15 Page - Texas Instruments

Back Button TS3USB221DRCRG4 Datasheet HTML 11Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 12Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 13Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 14Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 15Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 16Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 17Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 18Page - Texas Instruments TS3USB221DRCRG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Signal 1
GND Plane
Power Plane
Signal 2
TS3USB221
www.ti.com
SCDS220I – NOVEMBER 2006 – REVISED JANUARY 2016
10 Power Supply Recommendations
Power to the device is supplied through the VCC pin and should follow the USB 1.0, 1.1, and 2.0 standards. TI
recommends placing a bypass capacitor as close as possible to the supply pin VCC to help smooth out lower
frequency noise to provide better load regulation across the frequency spectrum.
11 Layout
11.1 Layout Guidelines
Place supply bypass capacitors as close to VCC pin as possible. Avoid placing the bypass caps near the D+/D–
traces.
The high-speed D+/D– traces should always be matched lengths and must be no more than 4 inches, otherwise
the eye diagram performance may be degraded. A high-speed USB connection is made through a shielded,
twisted pair cable with a differential characteristic impedance. In the layout, the impedance of D+ and D– traces
should match the cable characteristic differential impedance for optimal performance.
Route the high-speed USB signals using a minimum of vias and corners which will reduce signal reflections and
impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the signal’s transmission line and increases the chance of
picking up interference from the other layers of the board. Be careful when designing test points on twisted pair
lines; through-hole pins are not recommended.
When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This
reduces reflections on the signal traces by minimizing impedance discontinuities.
Do not route USB traces under or near crystals, oscillators, clock signal generators, switching regulators,
mounting holes, magnetic devices or IC’s that use or duplicate clock signals.
Avoid stubs on the high-speed USB signals because they cause signal reflections. If a stub is unavoidable, then
the stub should be less than 200 mm.
Route all high-speed USB signal traces over continuous planes (VCC or GND), with no interruptions.
Avoid crossing over anti-etch, commonly found with plane splits.
A printed circuit board with at least four layers is recommended because of high frequencies associated with the
USB; two signal layers separated by a ground and power layer as shown in Figure 19.
Figure 19. Four-Layer Board Stack-Up
The majority of signal traces should run on a single layer, preferably Signal 1. Immediately next to this layer
should be the GND plane, which is solid with no cuts. Avoid running signal traces across a split in the ground or
power plane. When running across split planes is unavoidable, sufficient decoupling must be used. Minimizing
the number of signal vias reduces EMI by reducing inductance at high frequencies. For more information on
layout guidelines, see High Speed Layout Guidelines (SCAA082) and USB 2.0 Board Design and Layout
Guidelines (SPRAAR7).
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TS3USB221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27