công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAP16DPPS05XTTR bảng dữ liệu(PDF) 20 Page - STMicroelectronics

tên linh kiện STAP16DPPS05XTTR
Giải thích chi tiết về linh kiện  Low voltage 16-bit constant current LED sink driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP16DPPS05XTTR bảng dữ liệu(HTML) 20 Page - STMicroelectronics

Back Button STAP16DPPS05XTTR Datasheet HTML 16Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 17Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 18Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 19Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 20Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 21Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 22Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 23Page - STMicroelectronics STAP16DPPS05XTTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Error detection mode functionality
STAP16DPPS05
20/33
DocID024306 Rev 6
7
Error detection mode functionality
7.1
Phase one: entering error detection mode
From the “normal mode” condition the device can switch to “error mode” by a logic
sequence on the OE/DM2 and LE/DM1 pins, as shown in the following table and diagram:
After these five CLK cycles, the device goes into the “error detection mode” and at the 6th
rising edge of the CLK, the SDI data are ready for sampling.
Table 13. Entering error detection mode - truth table
CLK
1°2°3°4°5°
OE/DM2
H
L
HHH
LE/DM1
LLL
H
L
Figure 18. Entering error detection mode - timing diagram
CLK
OE/DM2
LE/DM1
AM13668v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33