công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SRTAG2K-D bảng dữ liệu(PDF) 38 Page - STMicroelectronics

tên linh kiện SRTAG2K-D
Giải thích chi tiết về linh kiện  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRTAG2K-D bảng dữ liệu(HTML) 38 Page - STMicroelectronics

Back Button SRTAG2K-D Datasheet HTML 34Page - STMicroelectronics SRTAG2K-D Datasheet HTML 35Page - STMicroelectronics SRTAG2K-D Datasheet HTML 36Page - STMicroelectronics SRTAG2K-D Datasheet HTML 37Page - STMicroelectronics SRTAG2K-D Datasheet HTML 38Page - STMicroelectronics SRTAG2K-D Datasheet HTML 39Page - STMicroelectronics SRTAG2K-D Datasheet HTML 40Page - STMicroelectronics SRTAG2K-D Datasheet HTML 41Page - STMicroelectronics SRTAG2K-D Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
RF command sets
SRTAG2K-D
38/51
DocID025446 Rev 3
The ascending and descending data rates shall be coded as described in Table 50.
When the SRTAG2K-D is able to change both data rates, it returns the following response.
The data rate of this response is 106 kbps; then, the SRTAG2K-D changes the ascending
and descending data rates.
Table 51
gives the details sof the PPS response.
Table 49. PPS command
-
Name
INS
PPS0
PPS1
CRC
Byte field
0xDX
0x11
1 byte
2 bytes
Bit field
b7-b4
b3-b0
0b0000
b3-b2
b1-b0
INS
Instruction code
DID
PPS1 is present
PPS1
RFU
Descending data rate
Ascending data rate
2 CRC bytes
Table 50. Ascending and descending data rate coding
Value
0b00
0b01
0b10
0b11
Data rate
106 kbps
RFU
RFU
RFU
Table 51. PPS response
Name
INS
-
PPS0
Byte field
0xDX
-
0x11
Bit field
b8-b5
b4-b1
Response code
DID field
2 CRC bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51