| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RX95HF bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RX95HF bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 44 page ![]() Card emulation communication RX95HF 40/44 DocID023884 Rev 3 Execute Anti-colli- sion Pro- cess ISO/IEC 14443 Type A >>> CR95HFDLL_ANTICOLSELECT123 ------ ISO14443-A Start of Anti-Collision Algorithm ------ ISO14443-A REQA >>> CR95HFDLL_SENDRECV, 2607 <<< 80054403280000 ISO14443-A ANTICOL 1 >>> CR95HFDLL_SENDRECV, 932008 <<< 800888025174A9280000 ISO14443-A SELECT 1 >>> CR95HFDLL_SENDRECV, 937088025174A928 <<< 800624D836080000 ISO14443-A ANTICOL 2 >>> CR95HFDLL_SENDRECV, 952008 <<< 80084AEF228007280000 ISO14443-A SELECT 2 >>> CR95HFDLL_SENDRECV, 95704AEF22800728 <<< 800620FC70080000 --> UID = 0251744AEF2280 --> TAG selected ------ ISO14443-A End of Anti-Collision Algorithm ------ BREAK > < > < > < > < > < Anti-colli- sion Pro- cess on RX side (no return to Host) Response automati- cally sent to reader ISO/IEC 14443-3 Table 40. Example logs (continued) Comment CR95HF Reader Direc -tion RX95HF Card Emulation Comment |