công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M24C02-DRMF8TP bảng dữ liệu(PDF) 23 Page - STMicroelectronics

tên linh kiện M24C02-DRMF8TP
Giải thích chi tiết về linh kiện  2-Kbit serial IC bus EEPROM - 105C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMF8TP bảng dữ liệu(HTML) 23 Page - STMicroelectronics

Back Button M24C02-DRMF8TP Datasheet HTML 19Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 20Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 21Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 22Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 23Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 24Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 25Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 26Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
DocID027420 Rev 1
23/41
M24C02-DRE
Application design recommendations
5
Application design recommendations
5.1
Supply voltage
5.1.1
Operating supply voltage (VCC)
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 7).
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal Write cycle (tW). In order to
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a
suitable capacitor (usually of the order of 10 nF to 100 nF) close to the VCC/VSS package
pins.
5.1.2
Power-up conditions
When the power supply is turned on, the VCC voltage has to rise continuously from 0 V up to
the minimum VCC operating voltage defined in Table 7.
In order to prevent inadvertent write operations during power-up, a power-on-reset (POR)
circuit is included.
At power-up, the device does not respond to any instruction until VCC reaches the internal
threshold voltage (this threshold is defined in the DC characteristic Table 11 as VRES).
When VCC passes over the POR threshold, the device is reset and in the following state:
•
in the Standby power mode
•
deselected
As soon as the VCC voltage has reached a stable value within the [VCC(min), VCC(max)]
range (defined in Table 7), the device is ready for operation.
5.1.3
Power-down
During power-down (continuous decrease in the VCC supply voltage below the minimum
VCC operating voltage defined in Table 7), the device must be in Standby power mode (that
is after a STOP condition or after the completion of the Write cycle tW if an internal Write
cycle is in progress).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com