| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SPC560D30L3 bảng dữ liệu(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560D30L3 bảng dữ liệu(HTML) 54 Page - STMicroelectronics |
|
54 / 90 page ![]() Electrical characteristics SPC560D30x, SPC56040Dx 54/90 Doc ID 16315 Rev 7 Static latch-up (LU) Two complementary static tests are required on six parts to assess the latch-up performance: ● A supply overvoltage is applied to each power supply pin. ● A current injection is applied to each input, output and configurable I/O pin. These tests are compliant with the EIA/JESD 78 IC latch-up standard. Table 35. Latch-up results Symbol C Parameter Conditions Class LU CC T Static latch-up class TA = 125 °C conforming to JESD 78 II level A |