công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IPWR bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IPWR
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IPWR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button ADS8331IPWR Datasheet HTML 17Page - Texas Instruments ADS8331IPWR Datasheet HTML 18Page - Texas Instruments ADS8331IPWR Datasheet HTML 19Page - Texas Instruments ADS8331IPWR Datasheet HTML 20Page - Texas Instruments ADS8331IPWR Datasheet HTML 21Page - Texas Instruments ADS8331IPWR Datasheet HTML 22Page - Texas Instruments ADS8331IPWR Datasheet HTML 23Page - Texas Instruments ADS8331IPWR Datasheet HTML 24Page - Texas Instruments ADS8331IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
ADS8331
ADS8332
IN
X
COM
OPA211
5V
VA
MUXOUT
ADCIN
2.048VDC
600W
InputSignal
( 2Vto+2V)
-
20W
1000pF
600W
ADS8331, ADS8332
www.ti.com
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
Feature Description (continued)
8.3.2.2 Bipolar to Unipolar Driver
In systems where the input signal is bipolar, op amps such as the OPA365 and OPA211 can be used in the
inverting configuration with a DC bias applied to the noninverting input to keep the input signal to the ADS833x
within its rated operating voltage range. TI also recommends this configuration when the ADS833x is used in
signal-processing applications where good SNR and THD performance is required. The DC bias can be derived
from low-noise reference voltage ICs such as the REF5025 or REF5040. The input configuration shown in
Figure 36 is capable of delivering better than 91-dB SNR and –99-dB THD at an input frequency of 1 kHz. If
bandpass filters are used to filter the input to the driving operational amplifier, the signal swing at the input of the
bandpass filter should be small enough to minimize the distortion introduced by the filter. In these cases, the gain
of the circuit shown in Figure 36 can be increased to maintain a large enough input signal to the ADS833x to
keep the system SNR as high as possible.
Figure 36. Bipolar Input Drive Configuration
8.4 Device Functional Modes
8.4.1 Reference
The ADS833x can operate with an external reference with a range from 1.2 V to 4.2 V. A clean, low-noise
reference voltage on this pin is required to ensure good converter performance. A low-noise band-gap reference
such as the REF5025 or REF5040 can be used to drive this pin. A 10-
μF ceramic bypass capacitor is required
between the REF+ and REF– pins of the converter. This capacitor should be placed as close as possible to the
pins of the device. The REF– pin should not be connected to the AGND pin of the converter; instead, the REF–
pin must be connected to the analog ground plane with a separate via.
8.4.2 Converter Operation
The ADS833x has an internal oscillator that can be used as the conversion clock (CCLK) source. The minimum
frequency of this oscillator is 10.5 MHz. The internal oscillator is only active during the conversion period unless
the converter is using Auto-Trigger and/or Auto-NAP modes. The minimum acquisition/sampling time for the
ADS833x is 3 CCLKs (250 ns with a 12-MHz conversion clock), while the minimum conversion time is 18 CCLKs
(1500 ns with a 12-MHz conversion clock).
As shown in Figure 37, the ADS833x can also be programmed to run conversions using the external serial clock
(SCLK). This feature allows system designers to achieve system synchronization. Each rising edge of SCLK
toggles the state of the conversion clock (CCLK), which reduces the frequency of SCLK by a factor of two before
it is used as CCLK. For example, a 21-MHz SCLK provides a 10.5-MHz CCLK. If the start of a conversion must
occur on a specific rising edge of SCLK when the external serial clock is used for the conversion clock (and
Manual-Trigger mode is enabled), a minimum setup time of 20 ns between the falling edge of CONVST and the
rising edge of SCLK must be met. This timing ensures the conversion is completed in 18 CCLKs (36 SCLKs).
The duty cycle of SCLK is not critical, as long as the minimum high and low times (11 ns for VA = 5 V) are
satisfied. Because the ADS833x is designed for high-speed applications, a high-frequency serial clock must be
supplied to maintain the high throughput of the interface. This requirement can be accomplished if the period of
SCLK is at most 1
μs when SCLK is used as the conversion clock (CCLK). The 1-μs maximum period for SCLK
is also set by the leakage of charge from the capacitors in the capacitive digital-to-analog converter (CDAC)
block in the ADS833x. If SCLK is used as the conversion clock, the SCLK source must have minimal rise/fall
times and low jitter to provide the best converter performance.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com