công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8331IPWR bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8331IPWR
Giải thích chi tiết về linh kiện  Low-Power, 16-Bit, 500-kSPS, 4-/8-Channel Unipolar Input Analog-to-Digital Converters
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8331IPWR bảng dữ liệu(HTML) 2 Page - Texas Instruments

  ADS8331IPWR Datasheet HTML 1Page - Texas Instruments ADS8331IPWR Datasheet HTML 2Page - Texas Instruments ADS8331IPWR Datasheet HTML 3Page - Texas Instruments ADS8331IPWR Datasheet HTML 4Page - Texas Instruments ADS8331IPWR Datasheet HTML 5Page - Texas Instruments ADS8331IPWR Datasheet HTML 6Page - Texas Instruments ADS8331IPWR Datasheet HTML 7Page - Texas Instruments ADS8331IPWR Datasheet HTML 8Page - Texas Instruments ADS8331IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
ADS8331, ADS8332
SBAS363D – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 19
1
Features .................................................................. 1
8.3
Feature Description................................................. 19
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 21
3
Description ............................................................. 1
8.5
Programming........................................................... 28
4
Revision History..................................................... 2
9
Application and Implementation ........................ 36
5
Low-Power, High-Speed, SAR Converter Family 3
9.1
Application Information............................................ 36
6
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 40
7
Specifications......................................................... 5
10
Power Supply Recommendations ..................... 43
7.1
Absolute Maximum Ratings ...................................... 5
11
Layout................................................................... 43
7.2
ESD Ratings.............................................................. 5
11.1
Layout Guidelines ................................................. 43
7.3
Recommended Operating Conditions ....................... 5
11.2
Layout Example .................................................... 45
7.4
Thermal Information .................................................. 5
12
Device and Documentation Support ................. 46
7.5
Electrical Characteristics: VA = 2.7 V ....................... 6
12.1
Documentation Support ........................................ 46
7.6
Electrical Characteristics: VA = 5 V .......................... 8
12.2
Related Links ........................................................ 46
7.7
Timing Requirements: VA = 2.7 V .......................... 10
12.3
Community Resources.......................................... 46
7.8
Timing Characteristics: VA = 5 V ............................ 11
12.4
Trademarks ........................................................... 46
7.9
Typical Characteristics - DC Performance.............. 13
12.5
Electrostatic Discharge Caution ............................ 46
7.10
Typical Characteristics - AC Performance ............ 16
12.6
Glossary ................................................................ 46
8
Detailed Description ............................................ 19
13
Mechanical, Packaging, and Orderable
8.1
Overview ................................................................. 19
Information ........................................................... 47
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2012) to Revision D
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section ................................................................................................. 1
Changes from Revision B (December 2010) to Revision C
Page
•
Changed name of last column in Low-Power, High-Speed, SAR Converter Family table..................................................... 3
•
Deleted 4-channel and 8-channel rows from 14-Bit Pseudo-Diff resolution in Low-Power, High-Speed, SAR
Converter Family table ........................................................................................................................................................... 3
•
Added last paragraph to Start of a Conversion section........................................................................................................ 24
•
Changed VA value from 3.3 V to 2.7 V and VREF value from 4.096 V to 2.5 V.................................................................... 37
Changes from Revision A (November 2010) to Revision B
Page
•
Deleted Ordering Information table ....................................................................................................................................... 5
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADS8331 ADS8332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com